PART |
Description |
Maker |
VIO50-06P1 VII50-06P1 VDI50-06P1 VID50-06P1 |
CONN/6 POS HDR SHRD SGL RA LK 42.5 A, 600 V, N-CHANNEL IGBT IGBT Modules in ECO-PAC 2 42.5 A, 600 V, N-CHANNEL IGBT
|
IXYS, Corp. IXYS[IXYS Corporation]
|
CM75TF-12H |
Six-IGBT IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
IRG4PC50U IRG4PC50U-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD 55 A, 600 V, N-CHANNEL IGBT, TO-247AC 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.65V的,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IXGP10N60A |
Low VCE(sat) IGBT, High speed IGBT 20 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
IXYS, Corp.
|
FID35-06C IXYSCORP-FID35-06C |
Fast IGBT Chopper in ISOPLUS i4-PACTM 38 A, 600 V, N-CHANNEL IGBT IGBT Discretes
|
IXYS, Corp. IXYS[IXYS Corporation]
|
CM75BU-12H |
Four IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
RJH60D0DPK RJH60D0DPK-00-T0 |
Silicon N Channel IGBT Application: Inverter 40 A, 600 V, N-CHANNEL IGBT
|
Renesas Electronics Corporation
|
FGH40N60SF FGH40N60SFTU |
80 A, 600 V, N-CHANNEL IGBT, TO-247AB 600V, 40A Field Stop IGBT
|
FAIRCHILD SEMICONDUCTOR CORP
|
FGA40N60UFDTU FGA40N60UFDTUNL |
Ultrafast IGBT; Package: TO-3P; No of Pins: 3; Container: Rail 40 A, 600 V, N-CHANNEL IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
PRHMB300A61 PRHMB300A6 |
IGBT MODULE Chopper 300A 600V 300 A, 600 V, N-CHANNEL IGBT
|
Nihon Inter Electronics, Corp. Nihon Inter Electronics Corporation
|